PART |
Description |
Maker |
AP1702 AP1702AW AP1702AWL AP1702BW AP1702BWL AP170 |
4.63 V, 3-pin microprocessor reset circuit 4.38 V, 3-pin microprocessor reset circuit 3.08 V, 3-pin microprocessor reset circuit TRANSISTOR, JFET N TO-18 RECTIFIER SBR SINGLE 2A 30V 75A-ifsm 0.45Vf 0.2mA-ir PowerDI-123 3K/REEL JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:12mA; Zero Gate Voltage Drain Current Max, Idss:30mA; Gate-Source Cutoff Voltage Max, Vgs(off):-4V; Package/Case:TO-78 3-Pin Microprocessor Reset Circuits 3引脚微处理器复位电路 JFET; Transistor Polarity:Dual N Channel; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:12mA; Zero Gate Voltage Drain Current Max, Idss:30mA; Gate-Source Cutoff Voltage Max, Vgs(off):-4V 3引脚微处理器复位电路 2.93 V, 3-pin microprocessor reset circuit 2.63 V, 3-pin microprocessor reset circuit 4.00 V, 3-pin microprocessor reset circuit
|
ANACHIP[Anachip Corp] ETC[ETC] 复位半导 NEC, Corp. Kingbright, Corp.
|
MAX823 MAX823EUK MAX825 MAX825EUK MAX824 MAX824EUK |
Microprocessor supervisory circuit. Reset threshold 2.93V. Active-low reset. Active-high reset. Watchdog input. 5-Pin Microprocessor Supervisory Circuits 8-Bit Parallel-Out Serial Shift Registers 14-CFP -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Produc... MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX803EXRT MAX809EXRT MAX810EXRT MAX809EURT MAX810 |
3-Pin Microprocessor Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 3-Pin Microprocessor Reset Circuits
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
IMP1232 IMP1232LP IMP1232LPCMA IMP1232LPEMA IMP123 |
5V μP Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit 5V レP Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit 5V P Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit Bi-Lobe Standard Metal Shell Nano Offset Connector
|
IMP[IMP, Inc] IMP[IMP Inc] IMP Inc IMP INC.
|
63FE 25ET 12CT 71FE 10CT 20CT 40ET 80ET 6CT 56ET 3 |
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems 3V to 28V Input, Low-Cost, Hysteretic Synchronous Step-Down Controllers 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Microprocessor Supervisory Circuits Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Low-Power, SPST, Fast, CMOS Analog Switch Dual/Quad RF/Video Switches 1024k NV SRAM with Phantom Clock Single/Dual/Quad, 10MHz Single-Supply Op Amps Fuse 保险
|
Air Cost Control
|
6CIH07B 3CIH07B 80CIL14B 15CIH07B 20CIH07B 25CIH07 |
Microprocessor Supervisory Circuits 3 Pin Microprocessor Reset Monitor, -40C to 125C, 3-SC-70, T/R Fuse 保险
|
Yageo, Corp.
|
AAT3532 AAT3532IAS-B1 AAT3532IAS-T1 |
MicroPower?/a> Microprocessor Reset Circuit MicroPower⑩ Microprocessor Reset Circuit MicroPower Microprocessor Reset Circuit TRANSFORMER, 250VA, 2 X 60-55-0-55-60; Power, AC:250VA; Voltages, primary:0-240-380-415; Voltages, secondary:60-55-0-55-60, 60-55-0-55-60; Power, per secondary winding:125VA; Centres, fixing LxW:92 x 75 x 6 dia; Depth, RoHS Compliant: Yes MicroPowerMicroprocessor Reset Circuit Quad 2-input positive-AND gates with open collector outputs 14-PDIP 0 to 70 微功耗微处理器复位电路⑩
|
ANALOGICTECH[Advanced Analogic Technologies] Advanced Analogic Technologies, Inc.
|
2N6558 40175BDM 4017BDM 40174BDM 4017BDC 4028BDC 4 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Quad D-Type Flip-Flop Hex D-Type Flip-Flop Johnson Counter TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 13A I(D) | TO-213AA TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 6A I(D) | TO-213AA 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 晶体管| MOSFET的| N沟道| 20V的五(巴西)直|0mA(丁)|2 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 晶体管| MOSFET的| N沟道| 25V的五(巴西)直|0mA(丁)|2 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 2-Bit/4-Bit缓冲驱动 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 输入或门 Dual 4-input NOR Gate 输入或非
|
Motorola Mobility Holdings, Inc. Thomas Glenair, Inc.
|
MAX809MEUR-T |
3-Pin Microprocessor Reset Circuits
|
MAXIM
|
YB1921MB-F YB1921 YB1921JB-F YB1921LB-F YB1921RB-F |
3-Pin Microprocessor Reset Monitor
|
YOBON TECHNOLOGIES,INC.
|
SP809EK-2.3 SP809EK-2.3/TR SP809EK-2.6 SP809EK-2.6 |
3 Pin Microprocessor Reset Circuit
|
Sipex Corporation
|
APX811-26UG-7 APX812-26UG-7 APX811-31UG-7 APX812-3 |
4-Pin Microprocessor Supervisor With Manual Reset
|
Diodes Incorporated
|